Part Number Hot Search : 
THCV218 DB107 MSM66P54 00230 13017 MAX1951 10A40 74HC04D
Product Description
Full Text Search
 

To Download MKP183901410251R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 1 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ac and pulse metallized polypropylene film capacitors mkp axial type features ? precision capacitor, tolerance 1 % and 2 %. ? intermediate values are available of the e96 series ? material categorization: ? for definitions of co mpliance please see www.vishay.com/doc?99912 applications ? pulse operations ? smps and thyristor circuits ? storage, filter, timing an d sample and hold circuits note ?for more detailed data and test requirements, contact dc-film@vishay.com quick reference data capacitance range (e12 series) 47 pf to 22 f capacitance tole rance 10 %, 5 %, 2.5 %, 2 %, 1 % climatic testing class ac cording to iec 60068-1 55/100/56 maximum application temperature 100 c reference standards iec 60384-16 dielectric polypropylene film electrodes metallized construction mono construction encapsulation plastic-wrapped, epoxy resin sealed. flame retardant leads tinned wire marking c-value; tolerance; rated voltage; manufacturers type; code for dielectric material; manufacturer location, year and week; manufacturers logo or name rated dc voltage 160 v dc , 250 v dc , 400 v dc , 630 v dc rated ac voltage 100 v ac , 160 v ac , 220 v ac , 250 v ac pull test on leads ?? 20 n in direction of leads according to iec 60068-2-21 bent test on leads 2 bends through 90 wi th half of the force used in pull test dimensions in millimeters lead diameter d t dl 0.6 0.06 ? 9.0 ? 19.0 0.8 0.08 < 16.5 > 26.5 1.0 0.1 > 16.5 > 26.5 40.0 5.0 l max. 40.0 5.0 ? d t d max.
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 2 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 composition of catalog number note (1) for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 or end of catalog specific reference data description value tangent of loss angle: at 1 khz at 10 khz at 100 khz c ? 0.1 f 4 x 10 -4 6 x 10 -4 40 x 10 -4 0.1 f < c ? 1.0 f 4 x 10 -4 6 x 10 -4 - c > 1.0 f 10 x 10 -4 -- capacitor length (mm) maximum pulse rise time (du/dt) r [v/s] 160 v dc 250 v dc 400 v dc 630 v dc 11 240 300 515 700 14 175 220 380 510 19 100 125 200 280 26.5 60 75 120 160 31.5 45 60 95 120 41.5 30 40 65 85 if the maximum pulse voltage is less than the ra ted voltage higher du/dt values can be permitted. r between leads, for c ? 0.33 f at 100 v, 1 min > 100 000 m ? rc between leads, for c > 0.33 f at 100 v, 1 min > 30 000 s r between leads and case, 100 v, 1 min > 30 000 m ? withstanding (dc) voltage between leads and wrapped film (1.4 x u rac + 2000) 2840 v, 1 min withstanding (dc) voltage (cut off cu rrent 10 ma), rise time 100 v/s 1.6 x u rdc , 1 min maximum application temperature 100 c mkp 1839 x xx 16 x x capacitance (numerically) example: 468 = 680 nf multiplier (nf) 0.1 2 13 10 4 100 5 type special letter for taped bulk r reel g ammopack voltage (v dc ) 16 = 160 v 25 = 250 v 40 = 400 v 63 = 630 v tolerance 1 1 % 2 2 % 3 2.5 % 4 5 % 5 10 %
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 3 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical data u rdc (v) cap. (f) capacitance code voltage code v ac dimensions dl 160 0.033 333 16 100 5.0 11.0 0.047 347 5.5 11.0 0.068 368 6.0 11.0 0.10 410 6.5 14.0 0.15 415 7.5 14.0 0.22 422 7.0 19.0 0.33 433 8.0 19.0 0.47 447 9.0 19.0 0.68 468 8.5 26.5 1.0 510 10.5 26.5 1.5 515 12.0 26.5 2.2 522 13.0 31.5 3.3 533 15.5 31.5 4.7 547 15.5 41.5 6.8 568 18.5 41.5 10 610 22.0 41.5 15 615 24.5 41.5 22 622 28.5 41.5 250 0.010 310 25 160 5.0 11.0 0.015 315 5.0 11.0 0.022 322 5.0 11.0 0.033 333 5.5 11.0 0.047 347 6.0 14.0 0.068 368 6.5 14.0 0.10 410 7.5 14.0 0.15 415 7.0 19.0 0.22 422 8.5 19.0 0.33 433 8.0 26.5 0.47 447 9.0 26.5 0.68 468 11.0 26.5 1.0 510 12.5 26.5 1.5 515 13.0 31.5 2.2 522 16.0 31.5 3.3 533 19.0 31.5 4.7 547 19.5 41.5 6.8 568 23.0 41.5 10 610 22.0 41.5 15 615 24.5 41.5 22 622 28.5 41.5 400 0.0068 268 40 220 (1) 5.0 11.0 0.0082 282 5.0 11.0 0.010 310 5.5 11.0 0.015 315 6.0 11.0 0.022 322 6.5 14.0 0.033 333 7.0 14.0 0.047 347 8.0 14.0 0.068 368 8.5 19.0 0.10 410 9.0 19.0 0.15 415 8.0 26.5 0.22 422 9.5 26.5 0.33 433 11.5 26.5 0.47 447 13.5 26.5 0.68 468 14.0 31.5 1.0 510 17.0 31.5 1.5 515 20.5 31.5 2.2 522 21.0 41.5
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 4 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 630 0.000047 047 63 250 (1) 5.0 11.0 0.000051 051 5.0 11.0 0.000056 056 5.0 11.0 0.000062 056 5.0 11.0 0.000068 068 5.5 11.0 0.000075 075 5.5 11.0 0.000082 082 5.5 11.0 0.000091 091 6.0 11.0 0.00010 110 6.0 11.0 0.00011 111 6.0 11.0 0.00012 112 6.0 11.0 0.00013 113 6.0 11.0 0.00015 115 6.0 11.0 0.00016 116 6.0 11.0 0.00018 118 6.0 11.0 0.00020 120 6.0 11.0 0.00022 122 5.0 11.0 0.00024 124 5.0 11.0 0.00027 127 5.0 11.0 0.00030 130 5.0 11.0 0.00033 133 5.0 11.0 0.00036 136 5.0 11.0 0.00039 139 5.0 11.0 0.00043 143 5.0 11.0 0.00047 147 5.0 11.0 0.00051 151 5.0 11.0 0.00056 156 5.5 11.0 0.00062 162 5.5 11.0 0.00068 168 5.5 11.0 0.00075 175 5.5 11.0 0.00082 182 5.0 11.0 0.00091 191 5.0 11.0 0.0010 210 5.0 11.0 0.0011 211 5.0 11.0 0.0012 212 5.0 11.0 0.0013 213 5.0 11.0 0.0015 215 5.0 11.0 0.0016 216 5.0 11.0 0.0018 218 5.0 11.0 0.0020 220 5.0 11.0 0.0022 222 5.0 11.0 0.0024 224 5.0 11.0 0.0027 227 5.0 11.0 0.0030 230 5.0 11.0 0.0033 233 5.0 11.0 0.0036 236 5.0 11.0 0.0039 239 5.0 11.0 0.0043 243 5.0 11.0 0.0047 247 5.0 11.0 0.0062 262 5.5 11.0 0.0068 268 5.5 11.0 0.0082 282 6.0 11.0 0.010 310 5.5 14.0 0.015 315 6.5 14.0 0.022 322 7.5 14.0 0.033 333 7.0 19.0 0.047 347 8.0 19.0 electrical data u rdc (v) cap. (f) capacitance code voltage code v ac dimensions dl
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 5 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? pitch = l + 3.5 mm (1) not suitable for mains applications note ? for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 mounting normal use the capacitors are designed for mounting on printed-circuit boards. the capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. for detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 specific method of mounting to withstand vibrat ion and shock in order to withstand vibration and shock tests, it must be ensured that the capacitors body is in good contact with the printed-circuit board. ? for l < 19 mm capacitors shall be mechanically fixed by the leads ? for larger pitches the capacitors shall be mounted in the same way and the body clamped ? the maximum diameter and leng th of the capacitors are specified in the dimensions table ? eccentricity as shown in the drawing below space requirements on printed-circuit board the maximum length and wi dth of film capacitors is shown in drawing: ? eccentricity as in drawing. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. ? product height with seating plane as given by iec 60717 as reference: h max. ? h + 0.4 mm or h max. ? h + 0.4 mm 630 0.068 368 63 250 (1) 9.0 19.0 0.10 410 8.5 26.5 0.15 415 10.5 26.5 0.22 422 12.0 26.5 0.33 433 14.5 26.5 0.47 447 15.0 31.5 0.68 468 18.0 31.5 1.0 510 18.0 41.5 1.5 515 22.0 41.5 recommended packaging packaging code type of packaging reel diameter (mm) ordering code examples g ammo - mkp1839422403g x r reel 350 mkp1839422403r x - bulk for l > 31.5 mm - mkp1839522403 x electrical data u rdc (v) cap. (f) capacitance code voltage code v ac dimensions dl 1 mm
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 6 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 soldering conditions for general soldering conditions and wave sold ering profile, we refer to application note: ? soldering guidelines for film capacitors: www.vishay.com/doc?28171 storage temperature t stg = - 25 c to + 35 c with rh maximum 75 % without condensation ratings and characteristics reference conditions unless otherwise specified, all electrical values apply to an a mbient temperature of 23 c 1 c, an atmospheric pressure of 86 kpa to 106 kpa and a relative humidity of 50 % 2 %. for reference testing, a conditioning period shall be applied ov er 96 h 4 h by heating the products in a circulating air oven at the rated temperature and a relati ve humidity not exceeding 20 %. characteristics max. rms voltage as a function of frequency maximum allowed component temperature rise ( ? t) as a function of the ambient temperature (t amb ) 0.047 0.1 0.22 0.47 1.0 2.2 6.8 10 4.7 100 7 5 3 2 10 7 5 3 2 1 10 3 23 57 2 10 4 357 10 5 23 57 10 6 v rms f (hz) capacitance in f t amb 85 c, 160 v dc 1000 7 5 3 2 100 7 5 3 2 10 10 3 23 57 2 10 4 357 10 5 23 57 10 6 v rms f (hz) 0.01 0.047 0.1 0.47 2.2 0.22 6.8 4.7 1.0 t amb 85 c, 250 v dc capacitance in f 0.022 1000 7 5 3 2 100 7 5 3 2 10 23 57 2 10 4 10 5 10 6 10 3 357 23 57 v rms f (hz) 0.22 0.47 1.0 2.2 0.022 0.01 0.1 0.047 capacitance in f t amb 85 c, 400 v dc 1000 7 5 3 2 100 7 5 3 2 10 23 57 2 10 4 10 5 10 6 10 3 357 23 57 v rms f (hz) 0.1 0.22 0.47 1.0 1.5 0.022 0.01 0.0047 0.002 0.001 0.047 capacitance in f t amb 85 c, 630 v dc t (c) t amb (c) 16 12 8 4 0 - 60 - 20 20 60 100
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 7 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 heat conductivity (g) as a function of original pitch and capacitor body thickness in mw/c diameter (mm) heat conductivity (mw/c) l = 11 mm l = 14 mm l = 19 mm l = 26.5 mm l = 31.5 mm l = 41.5 mm 5.0234568 5.5334679 6.03457810 6.53457911 7.04568912 7.5 4 5 7 9 10 13 8.0 4 5 7 10 11 15 8.5 5 6 8 10 12 16 9.0 5 6 8 11 13 17 9.5 6 7 9 12 14 18 10.06 7 10131519 10.57 8 10141620 11.07 8 11141721 11.58 9 12151823 12.0 8 10 12 16 19 24 12.5 9 10 13 17 20 25 13.0 9 11 14 18 21 26 13.5101114192228 14.0101215202329 14.5111316212430 15.0111316212531 15.5121417222633 16.0121418232734 16.5131519242835 17.0141620252937 17.5141720263038 18.0151721273139 18.5151822283241 19.0161923293442 19.5171924303543 20.0172025313645 20.5182125323746 21.0192226333848 21.5202227353949 22.0202328364150 22.5212429374252 23.0222530384353 23.5232631394455 24.0232732404656 24.5242733414758 25.0252834424859 25.5262935444961 26.0273036455162 26.5273137465264 27.0283238475366 27.5293339485567 28.0303440505669 28.5313541515770
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 8 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power dissipation and maximum component temperature rise the power dissipation must be limited in order not to exceed the maximum al lowed component temperature rise as a function of the free air a mbient temperature. the power dissipation can be calculated according type deta il specification hqn-384-01/101: technical information film capacitors with the typi cal tgd of the curves. the component tempe rature rise ( ? t) can be measured (see section measuring the component temperature for more details) or calculated by ? t = p/g: ? ? t = component tempe rature rise (c) ? p = power dissipation of the component (mw) ? g = heat conductivity of the component (mw/c) measuring the component temperature a thermocouple must be attached to the capacitor body as in: the temperature is meas ured in unloaded (t amb ) and maximum loaded condition (t c ). the temperature ri se is given by ? t = t c - t amb . to avoid radiation or convection, the capacitor should be tested in a wind-free box. application note and limiting conditions these capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described hereunder. thes e mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conf orming the standards must be used. to select the capacitor for a certain application, the following conditions must be checked: 1. the peak voltage (u p ) shall not be greater than the rated dc voltage (u rdc ) 2. the peak-to-peak voltage (u p-p ) shall not be greater than the maximum (u p-p ) to avoid the ionization inception level 3. the voltage peak slope (du/dt) shall not exceed the rated voltage pulse slope in an rc-circuit at rated voltage and without ringing. if the pulse voltage is lower than the rated dc vo ltage, the rated voltage pulse slope may be multiplied by u rdc and divided by the applied voltage. ? for all other pulses following equation must be fulfilled: ? ? ? ? ? ? t is the pulse duration. 4. the maximum component surfac e temperature rise must be lower than the limits (see graph max. allowed component temperature rise). 5. since in circuits used at voltages over 280 v peak-to-peak the risk for an intrinsically active flammability after a capacito r breakdown (short circuit) increases, it is recommended that the power to the comp onent is limited to 100 times the values mentioned in the table: heat conductivity 6. when using these capacitors as across-the-line capacitor in th e input filter for mains applications or as series connected with an impedance to the mains the applicant must guarantee th at the following conditions are fulfilled in any case (spikes and surge voltages from the mains included). voltage conditions for 6 above allowed voltages t amb ? 85 c 85 c < t amb ? 100 c maximum continuous rms voltage u rac u rac maximum temperature rms-overvoltage (< 24 h) 1.25 x u rac 1.25 x u rac maximum peak voltage (v o-p ) (< 2 s) 1.6 x u rdc 1.1 x u rdc thermocouple 2 x du dt ------- ?? ?? 2 0 t ? x dt u rdc du dt ------- - ?? ?? rated ? ?
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 9 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 inspection requirements general notes sub-clause numbers of tests an d performance requirements refer to the sectio nal specification, publication iec 60384-16 and specific reference data. group c inspection requirements sub-clause number and test cond itions performance requirements sub-group c1a part of sample ? of sub-group c1 4.1 dimensions (detail) as specified in chapter general data of this specification ? 4.3.1 initial measur ements capacitance tangent of loss angle at 100 khz ? 4.3 robustness of terminations tens ile and bending n o visible damage ? 4.4 resistance to soldering heat method: 1a solder bath: 280 c 5 c duration: 5 s ? 4.14 component solvent resistance isopropylalcohol at room temperature method: 2 immersion time: 5 min 0.5 min recovery time: min. 1 h, max. 2 h ? 4.4.2 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 2 % of the value measured initially ? tangent of loss angle increase of tan ??? 0.002 ? compared to values measured in 4.3.1 sub-group c1b other part of sample of sub-group c1 4.6.1 initial measur ements capacitance tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.15 solvent resistance of the marking isopropylalcohol at room temperature method: 1 rubbing material: cotton wool immersion time: 5 min 0.5 min ? no visible damage ? legible marking 4.6 rapid change of temperature ? a = lower category temperature ? ? b = upper category temperature 5 cycles ? duration t = 30 min ? 4.7 vibration visual examination ? mounting: ? see section mounting for more information procedure b4 frequency range: 10 hz to 55 hz amplitude: 0.75 mm or acceleration 98 m/s2 (whichever is less severe) total duration 6 h ? no visible damage 4.7.2 final inspection visual examination no visible damage
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 10 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c1b other part of sample of sub-group c1 4.9 shock mounting: ? see section mounting for more information pulse shape: half sine acceleration: 490 m/s2 duration of pulse: 11 ms ? 4.9.3 final measurements visual examination no visible damage ? capacitance | ? c/c| ? 2 % of the value measured in 4.6.1 ? tangent of loss angle increase of tan ??? 0.002 ? compared to values measured in 4.6.1 ? insulation resistance as specified in section insulation resistance of this specification sub-group c1 combined sample ? of specimens of sub-groups ? c1a and c1b 4.10 climatic sequence ? 4.10.2 dry heat temperature: upper category temperature duration: 16 h ? 4.10.3 damp heat cyclic ? test db, first cycle ? 4.10.4 cold temperature: lowe r category temperature duration: 2 h ? 4.10.6 damp heat cyclic test db, remaining cycles visual examination no visible damage legible marking ? 4.10.6.2 final measurements capacitance | ? c/c| ? 3 % of the value measured in ? 4.4.2 or 4.9.3 ? tangent of loss angle increase of tan ??? 0.003 ? compared to values measured in ? 4.3.1 or 4.6.1 ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub-group c2 4.11 damp heat steady state capacitance ? 4.11.1 initial measur ements tangent of loss angle at 1 khz ? 4.11.3 final measurements visual examination no visible damage legible marking ? capacitance | ? c/c| ? 3 % of the value measured in 4.11.1. ? tangent of loss angle increase of tan ??? 0.001 compared to values measured in 4.11.1 ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification group c inspection requirements sub-clause number and test cond itions performance requirements
mkp1839 www.vishay.com vishay roederstein revision: 10-dec-13 11 document number: 26022 for technical questions, contact: dc-film@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sub-group c3 4.12 endurance dc duration: 2000 h 1.25 x u rdc at 85 c ? 0.875 x u rdc at 100 c ? 4.12.1 initial measur ements capacitance ? tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? 4.12.5 final measurements visual examination no visible damage ? legible marking ? capacitance | ? c/c| ? 3 % compared to values measured in 4.12.1 ? tangent of loss angle increase of tan ??? 0.002 ? compared to values measured in 4.12.1 ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification sub-group c4 4.2.6 temperature characteristics ? initial measurement ? intermediate ? intermediate measurements ? ? capacitance ? capacitance at lower category temperature ? capacitance at 20 c ? capacitance at upper category temperature ? ? for - 55 c to + 20 c: ? 0 % ? | ? c/c| ? 2 % or ? for 20 c to 85 c: ? - 3 % ? | ? c/c| ? 0 % ? final measurements capacitance ? tangent of loss angle: ? for c ? 1 f at 10 khz ? for c > 1 f at 1 khz ? as specified in section capacitance of this specification insulation resistance as specified in section insulation resistance of this specification ? 4.13 charge and discharge 10 000 cycles charged to u rdc ? discharge resistance: ? ? ? ? 4.13.1 initial measur ements capacitance ? tangent of loss angle at 100 khz ? 4.13.3 final measur ements capacitance | ? c/c| ? 3 % of the value measured in 4.13.1 ? tangent of loss angle increase of tan ??? 0.003 ? compared to values measured in 4.13.1 ? insulation resistance ? 50 % of values specified in section insulation resistance of this specification group c inspection requirements sub-clause number and test cond itions performance requirements r u rdc 2.5 x c du/dt ?? ------------------------------------------ =
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MKP183901410251R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X